Part Number Hot Search : 
A3935KLQ SP1040 MHW9242A SL55143I C511A HCF40107 IRFP451 114TN6R
Product Description
Full Text Search
 

To Download CSQ-5244S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No.PS-ND-08090222 A Rev.
PRODUCT SPECIFICATION
Model No CSQ-5244S/5245S
Descriptions:
0.52 Inch Quad Digit Display CSQ-5244: Common Anode CSQ-5245: Common Cathode Emitting Color Super Bright Red
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-5244/5245S
Spec. No.PS-ND-08090222 A Rev.
Features 1. 0.52 inch (13.2mm) digit height. 2. Case mold type. 3. RoHS compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket.
Device Selection Guide Chip Material AlGaAs AlGaAs Emitted Color Super Bright Red
Part No.
CSQ-5244S CSQ-5245S
Description Common Anode
Super Bright Red Common Cathode
Package Dimensions -
http://www.csctw.com.tw
Page
1/5
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-5244/5245S
Spec. No.PS-ND-08090222 Rev. A
Internal Circuit Diagrams -
Absolute Maximum Rating (Ta=25 Parameter
Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice(duty cycle 1/10, 1kHz) Derating Linear From 25 Reverse Voltage Per Dice Operating Temp. Storage Temp. Per Dice
)
Symbol PAD IAF IPF VR Topr Tstg
Rating 75 30 120 0.42 5 -35 ~ +85 -35 ~ +85
Unit mW mA mA mA/ V
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
http://www.csctw.com.tw
Page
2/5
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-5244/5245S
Spec. No.PS-ND-08090222 A Rev.
Electro-optical Characteristics (Ta=25 Parameter
Forward Voltage Per Segment Luminous Intensity Per Segment Peak Emission Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio
)
Symbol VF Iv
Min. -
Typ. 1.8 7 660 644 20 -
Max. 2.5 100 2:1
Unit V mcd nm nm nm A
.
Condition
IF=20mA IF=10mA IF=20mA IF=20mA IF=20mA VR=5V IF=10mA
q
Od
JS
IV-m
-
http://www.csctw.com.tw
Page
3/5
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-5244/5245S
Spec. No.PS-ND-08090222 Rev. A
Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
http://www.csctw.com.tw
Page
4/5
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-5244/5245S
Spec. No.PS-ND-08090222 A Rev.
Package Dimensions
Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw 5/5 Page


▲Up To Search▲   

 
Price & Availability of CSQ-5244S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X